Part Number Hot Search : 
Z5225 79L05 DA100 A1733 1681A Z5225 82333C 741541
Product Description
Full Text Search
 

To Download P3200-C---36 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p eninsula p3200 s eries the peninsula series of led lights deliver semi-diffused illumination in a low profile. p3200 linears are available in a variety of lengths and white color temperatures, and are designed for individual placement and daisy chained configurations. www.califialighting.com f eatures : ? available lengths of 12, 24, 36, and 48 ? daisy chain or individual placement ? semi-diffused ? directional efficiency s pecifications part number length led color power consumption color t emp (k) /w avelength range lumen output cool white neutral white warm white p3200-c-_-12 p3200-c-_-24p3200-c-_-36 p3200-c-_-48 p3200-n-_-12 p3200-n-_-24 p3200-n-_-36 p3200-n-_-48 p3200-w-_-12 p3200-w-_-24 p3200-w-_-36 p3200-w-_-48 12 2436 48 12 24 36 48 12 24 36 48 4.0 8.0 12.016.0 4.08.0 12.016.0 4.08.0 12.016.0 6500k 6500k6500k 6500k 4100k 4100k 4100k 4100k 3000k 3000k 3000k 3000k 325 618926 1225 325618 926 1225 325618 926 1225 rated life: output projection: operating temperature: voltage input: controls: housing: weight: dimensions: compliance: 50,000 hours 0 120 0 0 0 c ~+ 40 c 24vdc, constant voltage see accessory sw-1001black extruded plastic, clear polycarbonate lens 53~212w .83 (21.1mm) h .60 (15.2mm) l please see page 2 for length dimensions **not including mounts restriction of hazardous substances directive (rohs) implements eu directive 2002 / 95 which bans placing electrical and hazardous equipment that contains more than agreed levels of hazardous substances on the eu market. for a list of these substances, visit www.rohs.gov.uk. ? instant on ? lead/mercury free ? ul rated ? low profile and long life
p3200 p3200 c ool white -c w arm white -w s-standard ds-daisychain 12 12 p3200-c-s-12 p3200-w-ds-12 model color t ype length example www.califialighting.com o rdering i nformation class 2 power supply (40 watt) in-line on/off switch a ccessories califia lighting part #ps-1033 califia lighting part #sw-1001 sw-1001 p3200-w-ds-12 all luminaires are easily customizable. power accessories can be ordered separately. d imensions p eninsula p3200 s eries d aisychain c onfiguration ps-1033


▲Up To Search▲   

 
Price & Availability of P3200-C---36

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X